Part Number Hot Search : 
MV5474C MX7538BQ SA40A BA6792 A8283SB STUD412S 2SB12 40140
Product Description
Full Text Search
 

To Download MICROSEMICORP-SCOTTSDALE-1N6016CUR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  surface mount 500 mw zener diodes scottsd a l e division 1n5985ur thru 1n6031bur ( or mll5985 thru mll6031b) w w w . mi c r o s e m i . c o m 1n5985ur thru 1n6031bur-1 descripti on appeara n c e the p opul ar 1n5 985 ur th ru 1 n 6 031b ur (or m ll5 9 85 thru ml l6 031b) se rie s of 0.5 watt zen e r voltage regulato r s pro v ides sele ction from 2.4 to 200 volts in stand ard 5% or 10% tole ra nce s a s well as tighte r tole ran c e s identif ied by differe nt suffix letters on the pa rt n u mbe r . t h e s e gla s s su rfa c e mou n t do -213aa zen e r s are al so avail able with an i n ternal metall urgi cal b ond option by a d d i ng a ?-1 ? suffix (se e sepa rate data sh eet) i n clu d ing vari ous e quivale nt military screenin g levels as descri bed i n the featu r es se ction. micr osemi also offers n u me rou s othe r zen e r prod uct s to meet highe r an d lowe r po we r appli c ation s . do -213 aa import a n t : f o r the most cur r e n t data, consult mi c r os e m i ? s w e bsite: http:// www .microsemi.com features a p p l i c at ions / be ne fi ts ? surface mou n t equ ival ent to jedec reg i ster ed 1n 59 85 to 1n60 31 ? similar to o per ating curr ent cond itions of the bz v55 pro electron s e ries of z ener prod ucts in eur ope ? internal meta ll urgic a l bo nds a r e optio nal l y av aila bl e w i t h ?-1? suffix (see sep a rate data she e t) w i t h screen ing optio ns in acc o rdanc e w i th mil-prf - 19 500 f o r jan, jant x , jan t x v , and jans by adding mq, mx , mv, or msp prefi x e s respective l y t o part numb e rs ? axi a l-l e a ded e quiv a le nts avai labl e as 1n 59 8 5 to 1n6 031 i n the do-35 pack a g e incl udi ng ?-1? suffix optio ns (see se parate d a ta sh eet) ? reg u lates v o ltage ov er a bro ad op erati ng c u rrent and temp eratur e rang e ? exte nsive se le ction from 2.4 to 200 v ? standar d volta ge toler anc es are pl us/minus 5% w i th b suffix, 10 % w i t h a suffix i d entificati on ? t i ght tolerance s avail abl e in p l us or min u s 2 % or 1% w i th c or d suffix respectively ? nons ensitiv e to esd (mil-st d-75 0 method 102 0) ? minima l cap a ci tance (see f i g u re 2) ? inhere n tl y r adi ation h a rd as d e scrib ed in mic r osemi micronote 050 max i mu m rat ing s mechan ic al an d pa ckagin g ? operatin g an d storage temp e r ature: -65 o c to +175 o c ? t hermal resist ance: 15 0 o c/w junction to e nd cap or 300 o c/w for junction to amb i e n t w h en mo unt ed on f r 4 pc boar d (1 oz cu) w i t h reco mmend ed foot print (see last pag e) ? stead y-state p o w e r: 0.5 w a tts at end cap temperatur es t ec < 100 o c or 0.5 w a tts at ambie n t t a < 25 o c w h en mo unted o n f r 4 pc boar d as d e scrib ed for thermal res i sta n ce (als o see f i gure 1) ? f o r w a r d vo ltag e @20 0 ma: 1.1 volts ? sold er t e mperatures: 260 o c for 10 s (max ) ? case: herme ticall y se ale d gl ass do-213aa (sod80 or ml l34) melf st yl e packa ge ? t e rminals: end caps tin- le ad pl ated so lde r abl e per mil-st d-750, method 20 26 ? polarit y : c a thod e in dicate d b y ban d w h e r e dio de is to be o perate d w i th th e ban de d en d positiv e w i th re spect to the op posite e nd for z ener regulation ? marking: ca thode b a n d on l y ? t ape & reel optio n: standa rd per eia-481 -b w i t h 12 mm tap e , 2000 per 7 i n ch ree l or 50 0 0 per 13 inc h reel (a dd ?t r? suffix to part numb e r) ? w e igh t : 0.04 grams ? see pack a g e d i mensi ons o n l a st page m i cro semi scottsdale division 8700 e. thom as rd. po bo x 139 0, scottsdale, az 85252 usa, ( 4 8 0 ) 941- 6300, fax: (480) 947-1 503 page 1 cop y right ? 200 3 11-03- 2003 re v a
surface mount 500 mw zener diodes scottsd a l e division 1n5985ur thru 1n6031bur ( or mll5985 thru mll6031b) w w w . mi c r o s e m i . c o m 1n5985ur thru 1 n 6 0 3 1 b u r - 1 *electric a l ch ara cteri s tic s @ 3 0 o c lead temperatur e. lead leng th 3/8?. maximu m z e ner impe danc e (note 1) maximu m re v e r se curren t z zt @ i zt oh m s z zk @ i zk = 0.25 ma oh m s i r @ v r a v o l t s jedec ty p e n u mb er** nomi nal zener voltage v z @ i zt volts (note 2) test c u rren t i zt ma b, c, d suffix a , n on- suffix b, c, d suffix a , n on- suffix b, c, d suffix a , n on- suffix b, c, d suffix a , n on- suffix m a x. dc zener c u rren t i zm (note 3) t y pical temp. coeff. of zener voltage vz %/ o c 1n5985bur 1n5986bur 1n5987bur 1n5988bur 2.4 2.7 3.0 3.3 5.0 5.0 5.0 5.0 100 100 95 95 110 110 100 100 1800 1900 2000 2200 2000 2200 2300 2400 100 75 50 25 100 100 100 75 1.0 1.0 1.0 1.0 0.5 0.5 0.5 0.5 208 185 167 152 -0.09 -0.075 -0.07 -0.06 1n5989bur 1n5990bur 1n5991bur 1n5992bur 3.6 3.9 4.3 4.7 5.0 5.0 5.0 5.0 90 90 88 70 95 95 90 90 2300 2400 2500 2200 2500 2500 2500 2500 15 10 5.0 3.0 50 25 15 10 1.0 1.0 1.0 1.5 0.5 1.0 1.0 1.0 139 128 116 106 -0.055 -0.045 -0.01 +0.01 1n5993bur 1n5994bur 1n5995bur 1n5996bur 5.1 5.6 6.2 6.8 5.0 5.0 5.0 5.0 50 25 10 8.0 88 70 50 25 2050 1800 1300 750 2500 2200 2050 1800 2.0 2.0 1.0 1.0 5.0 3.0 2.0 2.0 2.0 3.0 4.0 5.2 1.0 1.5 2.0 3.0 98 89 81 74 +0.025 +0.035 +0.04 +0.044 1n5997bur 1n5998bur 1n5999bur 1n6000bur 7.5 8.2 9.1 10 5.0 5.0 5.0 5.0 7.0 7.0 10 15 10 15 18 22 600 600 600 600 1300 750 600 600 0.5 0.5 0.1 0.1 1.0 1.0 0.5 0.5 6.0 6.5 7.0 8.0 4.0 5.2 6.0 6.5 67 61 55 50 +0.051 +0.055 +0.061 +0.065 1n6001bur 1n6002bur 1n6003bur 1n6004bur 11 12 13 15 5.0 5.0 5.0 5.0 18 22 25 32 25 32 36 42 600 600 600 600 600 600 600 600 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 8.4 9.1 9.9 11 7.0 8.0 8.4 9.1 45 42 38 33 +0.068 +0.073 +0.075 +0.079 1n6005bur 1n6006bur 1n6007bur 1n6008bur 16 18 20 22 5.0 5.0 5.0 5.0 36 42 48 55 48 55 62 70 600 600 600 600 600 600 600 600 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 12 14 15 17 9.9 11 12 14 31 28 25 23 +.080 +0.083 +0.085 +0.087 1n6009bur 1n6010bur 1n6011bur 1n6012bur 24 27 30 33 5.0 5.0 5.0 5.0 62 70 78 88 78 88 95 110 600 600 600 700 600 700 700 800 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 18 21 23 25 15 17 18 21 21 19 17 15 +0.090 +0.091 +0.093 +0.094 1n6013bur 1n6014bur 1n6015bur 1n6016bur 36 39 43 47 5.0 2.0 2.0 2.0 95 130 150 170 130 170 180 200 700 800 900 1000 900 1000 1100 1300 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 27 30 33 36 23 25 27 30 14 13 12 11 +0.094 +0.095 +0.095 +0.096 1n6017bur 1n6018bur 1n6019bur 1n6020bur 51 56 62 68 2.0 2.0 2.0 2.0 180 200 225 240 225 240 265 280 1300 1400 1400 1600 1400 1600 1700 2000 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 39 43 47 52 33 36 39 43 9.8 8.9 8.0 7.4 +0.096 +0.096 +0.097 +0.097 1n6021bur 1n6022bur 1n6023bur 1n6024bur 75 82 91 100 2.0 2.0 2.0 1.0 265 280 300 500 300 350 400 800 1700 2000 2300 2600 2300 2600 3000 4000 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 56 62 69 76 47 52 56 62 6.7 6.1 5.5 5.0 +0.098 +0.098 +0.099 +0.110 1n6025bur 1n6026bur 1n6027bur 1n6028bur 110 120 130 150 1.0 1.0 1.0 1.0 650 800 950 1250 950 1250 1400 1700 3000 4000 4500 5000 4500 5000 5500 6000 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 84 91 99 114 69 76 84 91 4.5 4.2 3.8 3.3 +0.110 +0.110 +0.110 +0.110 1n6029bur 1n6030bur 1n6031bur 160 180 200 1.0 1.0 1.0 1400 1700 2000 2000 2350 2700 5500 6000 7000 7000 8000 9000 0.1 0.1 0.1 0.1 0.1 0.1 122 137 152 99 114 122 3.1 2.8 2.5 +0.110 +0.110 +0.110 * in dicates j e dec re gister ed data. t he typ e num ber w i t hout a suffi x let t er before ?ur? indic a tes a 20 % tolera nce. f o r 10% toleranc e, add suffi x a; for 5% tolera nce, add suffi x b (as sho w n); for 2 % tolera nce a d d suffix c; for 1 % tolera nce, a d d suffix d. ** t hese ma y also be or der e d as mll5 98 5 b thru mll60 3 1 b for the app li cabl e part num ber an d toler a n c e in this seri e s . notes : 1. zener im pedanc e is derived from the 1 khz ac voltage that resu lts w h en an ac cur r e n t having an rms value equal to 10 % of dc zener curren t (i zt or i zk ) is superimposed on i zt or i zk . see micron ote 202 for d y n a m ic impedance variation w i th othe r operating cur r ent s. 2. voltage measure m ents to be perf o rmed 20 secon d s after application of the dc test current. 3. the ma ximum zener curr ent i zm sh own is for the no minal voltages. the follo w i ng for m ula can be used to determine t h e worst case current for an y toler ance de vice: p v zm i zm = w here v zm is the high end of the v o ltage tolerance specif ied and p is the rated po we r of the device. m i cro semi scottsdale division 8700 e. thom as rd. po bo x 139 0, scottsdale, az 85252 usa, ( 4 8 0 ) 941- 6300, fax: (480) 947-1 503 page 2 cop y right ?
surface mount 500 mw zener diodes m i cro semi scottsdale division 8700 e. thom as rd. po bo x 139 0, scottsdale, az 85252 usa, ( 4 8 0 ) 941- 6300, fax: (480) 947-1 503 page 3 cop y right ? w w w . mi c r o s e m i . c o m scottsd a l e division 1n5985ur thru 1n6031bur ( or mll5985 thru mll6031b) 1n5985ur thru 1n6031bur-1 graphs t ec , en d cap tem perat ure ( o c) o r t a ambient temperatu r e on fr4 pc bo ard figure 1 power derat i ng c urve figure 2 pd, rated po wer dissipation (mw) t ec t a capacitance vs . zener voltage (typical) package dimensions and pad layout inch e s m i l l i m e t e r s dim m i n m a x m i n m a x a 0. 0 6 3 0 . 0 6 7 1. 6 0 1. 7 0 b 0. 1 3 0 0 . 1 4 6 3. 3 0 3. 7 0 c 0. 0 1 6 0 . 0 2 2 0. 4 1 0. 5 5 pad layout i n c h e s mm a . 2 0 0 5 . 0 8 b . 0 5 5 1 . 4 0 c . 0 8 0 2 . 0 3


▲Up To Search▲   

 
Price & Availability of MICROSEMICORP-SCOTTSDALE-1N6016CUR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X